Part Number Hot Search : 
MV5087 GP07N120 IRKU105 LTC554X MD7007 C1212 70NM60 IDT2305A
Product Description
Full Text Search
 

To Download B43252D1477M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum electrolytic capacitors Alu-X product lines
Snap-in capacitors
Series/Type:
Data Sheet Date:
B41252, B43252 April 2008
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication and the information contained therein without EPCOS' prior express consent is prohibited.
General-purpose grade capacitors Applications Switch-mode power supplies in industrial and entertainment electronics Features High ripple current capability RoHS-compatible Load life of 2000 h at 105 C Construction Aluminum case, fully insulated Snap-in solder pins to hold component in place on PC-board Minus pole marking on the insulating sleeve Case with safety vent
Snap-in capacitors Standard series - 105 C Snap-in capacitors Standard series - 105 C
B41252, B43252 B41252, B43252
Please read Cautions and warnings and Important notes at the end of this document.
2
04/08
Snap-in capacitors Standard series - 105 C
Specifications and characteristics in brief Rated voltage VR Operating temperature range 10 ... 500 V DC VR 250 V DC: -40 C ... +105 C VR 315 V DC: -25 C ... +105 C
B41252, B43252
Rated capacitance CR 47 ... 56000 F (20 C, 120 Hz) Capacitance tolerance 20% Load life (105 C, VR, IAC,R) 2000 h M Requirements: C/C 20% of initial value tan 2 times initial specified limit Ileak initial specified limit
Leakage current Ileak C R V R (20 C, after 5 minutes) I leak 0.02 A ------- ------ F V Dissipation factor (max.) (20 C, 120 Hz) VR (V DC) tan
10 16 25 35 50 63 ... 100 160 ... 250 ... 450 ... 500 80 200 400 0.15 0.20 80 ... 100 2 5 160 ... 250 ... 450 ... 200 400 500 3 6 4 8
0.45 0.35 0.30 0.20 0.20 0.15 0.15 0.12 10 ... 16 4 15 25 3 10 35 3 8 50 ... 63 2 6
Low temperature sta- VR (V DC) bility (impedance ratio) Z ( - 25 C ) (120 Hz) -------------------------Z ( +20 C ) Z ( - 40 C ) -------------------------Z ( +20 C ) Shelf life
-
-
After storage for 1000 h at 105 C, the capacitors shall meet the requirement of load life test after reforming process. After test: VR to be applied for 30 minutes, 24 to 48 hours before measurement. 50 Hz 50 V >100 V 0.95 0.90 +55 C 2.5 63 ... 100 V 0.95 120 Hz 1.00 1.00 1.00 2.1 1 kHz 1.10 1.16 1.20 +70 C 10 kHz 1.15 1.30 1.50 +85 C 1.7 20 kHz 1.15 1.33 1.55 +105 C 1.0
Frequency multiplier for rated ripple current
Temperatur multiplier +40 C for rated ripple 2.7 current
Please read Cautions and warnings and Important notes at the end of this document.
3
04/08
Snap-in capacitors Standard series - 105 C
Dimensional drawing
Minus pole marking
d+1 max.
B41252, B43252
Base
l+2 max.
6.01*
0.8
0.
0.80.1 1.50.1 Mounting holes
1
Safety vent on the base o20.1
10 0
.2
KAL1095-Q-E
* = Shorter terminal (4.0 0.5) is also available upon request.
Please read Cautions and warnings and Important notes at the end of this document.
41 25
Insulating sleeve
4
04/08
Snap-in capacitors Standard series - 105 C
Overview of available types B41252 VR (V DC) CR (F) 3300 3900 4700 5600 22 22 x 25 x 30 x 30 10 Case dimensions d x l (mm) 16 25
B41252, B43252
35
22 22
x 25 x 30
22 x 35 25.4 x 25 22 x 35 25.4 x 30 30 x 25 22 x 40 25.4 x 35 30 x 30 22 x 50 25.4 x 40 30 x 30 25.4 x 45 30 x 35 25.4 x 50 30 x 40 35 x 30 30 35 35 x 45 x 35 x 40 x 45
6800 x 25
22
8200 x 25 x 30
22
22 x 35 25.4 x 30 22 x 40 25.4 x 35 22 x 45 25.4 x 40 30 x 30 25.4 x 45 30 x 35 35 x 30 25.4 x 50 30 x 40 35 x 35 30 35 35 x 45 x 35 x 45
10000 12000
22 22
22 x 30 25.4 x 25 22 x 35 25.4 x 30 30 x 25 22 x 40 25.4 x 35 30 x 30 22 x 45 25.4 x 40 30 x 30 25.4 x 45 30 x 35 25.4 x 50 30 x 40 35 x 30 30 35 30 35 35 x 45 x 35 x 50 x 40 x 45
15000
22 x 35 25.4 x 25 22 x 35 25.4 x 30 22 x 40 25.4 x 35 30 x 25 22 x 50 25.4 x 40 30 x 30 25.4 x 45 30 x 35 25.4 x 50 30 x 40 35 x 30 30 35 35 x 45 x 35 x 45
18000
22000
35
27000
33000 39000
47000 56000
Please read Cautions and warnings and Important notes at the end of this document.
5
04/08
Snap-in capacitors Standard series - 105 C
Overview of available types B41252 VR (V DC) CR (F) 820 1000 1200 22 x 25 22 x 25 50 Case dimensions d x l (mm) 63 80
B41252, B43252
100
22 x 30 25.4 x 25 22 x 35 25.4 x 30 22 x 40 25.4 x 35 30 x 25 22 x 45 25.4 x 40 30 x 30 25.4 x 45 30 x 35 25.4 x 50 30 x 40 35 x 30 30 35 30 35 35 x 45 x 35 x 50 x 40 x 45 x 50
22 x 30 25.4 x 25 22 x 30 25.4 x 25 22 x 35 25.4 x 30 22 x 40 25.4 x 35 30 x 25 22 x 45 25.4 x 35 30 x 30 25.4 x 45 30 x 35 25.4 x 50 30 x 40 35 x 30 30 35 30 35 35 x 45 x 35 x 50 x 40 x 45 x 50
1500
22 x 30 25.4 x 25 22 x 30 25.4 x 25 22 x 35 25.4 x 30 22 x 30 x 35 22 x 40 25.4 x 30 30 x 25 22 x 50 25.4 x 40 30 x 30 25.4 x 45 30 x 35 25.4 x 50 30 x 40 35 x 30 30 35 30 35 35 35 x 45 x 35 x 50 x 40 x 45 x 50
1800
2200
2700
3300
22
3900
22 x 40 25.4 x 35 30 x 25 22 x 45 25.4 x 40 30 x 30 22 x 50 25.4 x 40 30 x 35 25.4 x 50 30 x 40 35 x 30 30 35 30 35 35 35 x 45 x 35 x 50 x 40 x 45 x 50
4700
35
5600
6800
35
8200 10000 12000 15000
Please read Cautions and warnings and Important notes at the end of this document.
6
04/08
Snap-in capacitors Standard series - 105 C
Overview of available types B43252 VR (V DC) CR (F) 82 100 120 x 20 x 20 22 x 25 25.4 x 20 22 x 25 25.4 x 20 30 x 20 22 x 30 25.4 x 25 30 x 20 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 x 35 x 30 x 25 x 20 x 40 x 30 x 25 x 20 x 45 x 40 x 30 x 25 x 50 x 40 x 30 x 25 160 Case dimensions d x l (mm) 200 250
B41252, B43252
315
22
x 20
22 x 25 25.4 x 20 22 x 30 25.4 x 25 30 x 20 22 x 20 22 x 35 25.4 x 30 30 x 20 22 25.4 30 35 22 25.4 30 35 x 40 x 35 x 25 x 20 x 45 x 35 x 30 x 20
150
180
22
22
220
22
x 20
22 x 25 25.4 x 20 22 x 30 25.4 x 25 30 x 20 22 x 30 25.4 x 25 30 x 20 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 x 35 x 30 x 25 x 20 x 40 x 35 x 25 x 25 x 45 x 40 x 30 x 25 x 50 x 45 x 30 x 25
270
22 x 25 25.4 x 20 22 x 25 25.4 x 25 30 x 20 22 x 30 25.4 x 25 30 x 20 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 x 35 x 25 x 25 x 20 x 40 x 30 x 25 x 25 x 45 x 35 x 25 x 25
25.4 x 45 30 x 35 35 x 25 25.4 x 50 30 x 40 35 x 30 30 35 x 45 x 35 x 50 x 40 x 40
330
390
470
30 35
560
25.4 x 50 30 x 35 35 x 30 30 35 x 45 x 35
35
680
35
x 50
Please read Cautions and warnings and Important notes at the end of this document.
7
04/08
Snap-in capacitors Standard series - 105 C
Overview of available types B43252 VR (V DC) CR (F) 820 22 25.4 30 35 x 50 x 40 x 30 x 25 25.4 x 50 30 x 35 35 x 30 30 35 30 35 35 x 45 x 35 x 50 x 35 x 45 35 x 40 160 Case dimensions d x l (mm) 200 250
B41252, B43252
315
1000
25.4 x 45 30 x 35 35 x 30 25.4 x 50 30 x 40 35 x 30 35 x 40
35
x 45 x 50
1200
35
1500
Please read Cautions and warnings and Important notes at the end of this document.
8
04/08
Snap-in capacitors Standard series - 105 C
Overview of available types B43252 VR (V DC) CR (F) 47 56 x 20 22 x 20 22 x 20 350 Case dimensions d x l (mm) 400 450
B41252, B43252
500
22 x 25 25.4 x 20 22 x 30 25.4 x 30 30 x 20 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 x 40 x 35 x 25 x 20 x 45 x 40 x 30 x 25 x 50 x 45 x 35 x 30
22 x 25 25.4 x 20 22 x 30 25.4 x 25 30 x 20 22 x 35 25.4 x 30 30 x 20 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 x 40 x 30 x 25 x 20 x 45 x 35 x 30 x 25 x 50 x 40 x 30 x 25
68
22
22 x 25 25.4 x 20 22 x 30 25.4 x 25 30 x 20 22 x 35 25.4 x 30 30 x 20 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 x 40 x 30 x 25 x 20 x 45 x 35 x 30 x 20 x 50 x 40 x 30 x 25
82
22 x 25 25.4 x 20 22 x 25 25.4 x 25 30 x 20 22 x 30 25.4 x 25 30 x 20 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 x 40 x 30 x 25 x 20 x 45 x 35 x 30 x 20 x 50 x 40 x 30 x 25
100
120
25.4 x 50 30 x 40 35 x 30 30 35 x 45 x 35 x 50 x 40 x 45
150
180
25.4 x 45 30 x 35 35 x 30 25.4 x 50 30 x 40 35 x 30 30 35 30 35 35 35 x 45 x 35 x 50 x 40 x 45 x 50
30 35
220
25.4 x 45 30 x 35 35 x 30 25.4 x 50 30 x 40 35 x 30 30 35 30 35 35 35 x 45 x 35 x 50 x 40 x 45 x 50
35
270
25.4 x 45 30 x 35 35 x 30 30 35 30 35 35 35 x 40 x 35 x 45 x 40 x 45 x 50
35
x 50
330 390 470 560
Please read Cautions and warnings and Important notes at the end of this document.
9
04/08
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes B41252 VR V DC 10 CR 120 Hz 20 C F 10000 12000 15000 15000 18000 18000 22000 22000 22000 27000 27000 27000 33000 33000 39000 39000 39000 47000 47000 56000 8200 10000 10000 12000 12000 12000 15000 15000 15000 18000 18000 18000 22000 22000 27000 27000 27000 33000 33000 39000 39000 47000 Case dimensions dxl mm 22 22 22 25.4 22 25.4 22 25.4 30 22 25.4 30 25.4 30 25.4 30 35 30 35 35 22 22 25.4 22 25.4 30 22 25.4 30 22 25.4 30 25.4 30 25.4 30 35 30 35 30 35 35 x 25 x 30 x 35 x 25 x 35 x 30 x 40 x 35 x 25 x 50 x 40 x 30 x 45 x 35 x 50 x 40 x 30 x 45 x 35 x 45 x 25 x 30 x 25 x 35 x 30 x 25 x 40 x 35 x 30 x 45 x 40 x 30 x 45 x 35 x 50 x 40 x 30 x 45 x 35 x 50 x 40 x 45 10 IAC,R 120 Hz 105 C A 2.17 2.48 2.83 2.75 3.00 3.11 3.35 3.48 3.38 3.88 3.87 3.79 4.26 4.20 4.60 4.57 4.46 4.95 4.87 5.49 2.14 2.48 2.56 2.80 2.90 2.97 3.17 3.29 3.38 3.50 3.65 3.57 4.03 3.98 4.42 4.39 4.29 4.79 4.71 5.16 5.10 5.50 04/08
B41252, B43252
Ordering code
B41252A3109M000 B41252A3129M000 B41252A3159M000 B41252B3159M000 B41252A3189M000 B41252B3189M000 B41252A3229M000 B41252B3229M000 B41252C3229M000 B41252A3279M000 B41252B3279M000 B41252C3279M000 B41252A3339M000 B41252B3339M000 B41252A3399M000 B41252B3399M000 B41252C3399M000 B41252A3479M000 B41252B3479M000 B41252A3569M000 B41252A4828M000 B41252A4109M000 B41252B4109M000 B41252A4129M000 B41252B4129M000 B41252C4129M000 B41252A4159M000 B41252B4159M000 B41252C4159M000 B41252A4189M000 B41252B4189M000 B41252C4189M000 B41252A4229M000 B41252B4229M000 B41252A4279M000 B41252B4279M000 B41252C4279M000 B41252A4339M000 B41252B4339M000 B41252A4399M000 B41252B4399M000 B41252A4479M000
16
Please read Cautions and warnings and Important notes at the end of this document.
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes B41252 VR V DC 25 CR 120 Hz 20 C F 4700 5600 6800 8200 8200 10000 10000 12000 12000 12000 15000 15000 15000 18000 18000 18000 22000 22000 27000 3300 3900 4700 4700 5600 5600 5600 6800 6800 6800 8200 8200 8200 10000 10000 12000 12000 12000 15000 15000 18000 22000 Case dimensions dxl mm 22 22 22 22 25.4 22 25.4 22 25.4 30 25.4 30 35 25.4 30 35 30 35 35 22 22 22 25.4 22 25.4 30 22 25.4 30 22 25.4 30 25.4 30 25.4 30 35 30 35 35 35 x 25 x 30 x 30 x 35 x 30 x 40 x 35 x 45 x 40 x 30 x 45 x 35 x 30 x 50 x 40 x 35 x 45 x 35 x 45 x 25 x 30 x 35 x 25 x 35 x 30 x 25 x 40 x 35 x 30 x 50 x 40 x 30 x 45 x 35 x 50 x 40 x 30 x 45 x 35 x 40 x 45 IAC,R 120 Hz 105 C A 1.73 1.98 2.14 2.42 2.50 2.77 2.88 3.09 3.22 3.15 3.62 3.57 3.65 3.98 3.95 4.06 4.36 4.28 4.92 1.26 1.88 2.14 2.09 2.29 2.37 2.43 2.61 2.71 2.79 3.02 3.02 2.95 3.43 3.38 3.78 3.75 3.67 4.19 4.12 4.52 4.95
B41252, B43252
Ordering code
B41252A5478M000 B41252A5568M000 B41252A5688M000 B41252A5828M000 B41252B5828M000 B41252A5109M000 B41252B5109M000 B41252A5129M000 B41252B5129M000 B41252C5129M000 B41252A5159M000 B41252B5159M000 B41252C5159M000 B41252A5189M000 B41252B5189M000 B41252C5189M000 B41252A5229M000 B41252B5229M000 B41252A5279M000 B41252A7338M000 B41252B7398M000 B41252A7478M000 B41252B7478M000 B41252A7568M000 B41252B7568M000 B41252C7568M000 B41252A7688M000 B41252B7688M000 B41252C7688M000 B41252A7828M000 B41252B7828M000 B41252C7828M000 B41252A7109M000 B41252B7109M000 B41252A7129M000 B41252B7129M000 B41252C7129M000 B41252A7159M000 B41252B7159M000 B41252A7189M000 B41252A7229M000
35
Please read Cautions and warnings and Important notes at the end of this document.
11
04/08
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes B41252 VR V DC 50 CR 120 Hz 20 C F 2700 3300 3900 3900 3900 4700 4700 4700 5600 5600 5600 6800 6800 6800 8200 8200 10000 10000 12000 15000 1200 1500 1500 1800 1800 2200 2200 2700 2700 2700 3300 3300 3300 3900 3900 4700 4700 4700 Case dimensions dxl mm 22 22 22 25.4 30 22 25.4 30 22 25.4 30 25.4 30 35 30 35 30 35 35 35 22 22 25.4 22 25.4 22 25.4 22 25.4 30 22 25.4 30 25.4 30 25.4 30 35 x 30 x 35 x 40 x 35 x 25 x 45 x 40 x 30 x 50 x 40 x 35 x 50 x 40 x 30 x 45 x 35 x 50 x 40 x 45 x 50 x 25 x 30 x 25 x 30 x 25 x 35 x 30 x 40 x 30 x 25 x 50 x 40 x 30 x 45 x 35 x 50 x 40 x 30 IAC,R 120 Hz 105 C A 1.94 2.20 2.52 2.62 2.54 2.81 2.93 2.87 3.11 3.11 3.21 3.64 3.61 3.53 3.94 3.87 4.42 4.37 4.78 5.24 1.37 1.50 1.54 1.64 1.69 1.86 1.92 2.17 2.13 2.18 2.53 2.53 2.48 2.88 2.84 3.20 3.17 3.10
B41252, B43252
Ordering code
B41252A6278M000 B41252A6338M000 B41252A6398M000 B41252B6398M000 B41252C6398M000 B41252A6478M000 B41252B6478M000 B41252C6478M000 B41252A6568M000 B41252B6568M000 B41252C6568M000 B41252A6688M000 B41252B6688M000 B41252C6688M000 B41252A6828M000 B41252B6828M000 B41252A6109M000 B41252B6109M000 B41252A6129M000 B41252A6159M000 B41252A8128M000 B41252A8158M000 B41252B8158M000 B41252A8188M000 B41252B8188M000 B41252A8228M000 B41252B8228M000 B41252A8278M000 B41252B8278M000 B41252C8278M000 B41252A8338M000 B41252B8338M000 B41252C8338M000 B41252A8398M000 B41252B8398M000 B41252A8478M000 B41252B8478M000 B41252C8478M000
63
Please read Cautions and warnings and Important notes at the end of this document.
12
04/08
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes B41252 VR V DC 63 CR 120 Hz 20 C F 5600 5600 6800 6800 8200 10000 820 1000 1000 1200 1200 1500 1500 1800 1800 1800 2200 2200 2200 2700 2700 3300 3300 3300 3900 3900 4700 4700 5600 6800 820 820 1000 1000 1200 1200 1200 1500 1500 1500 1800 1800 Case dimensions dxl mm 30 35 30 35 35 35 22 22 25.4 22 25.4 22 25.4 22 25.4 30 22 25.4 30 25.4 30 25.4 30 35 30 35 30 35 35 35 22 25.4 22 25.4 22 25.4 30 22 25.4 30 25.4 30 x 45 x 35 x 50 x 40 x 45 x 50 x 25 x 30 x 25 x 30 x 25 x 35 x 30 x 40 x 35 x 25 x 45 x 35 x 30 x 45 x 35 x 50 x 40 x 30 x 45 x 35 x 50 x 40 x 45 x 50 x 30 x 25 x 35 x 30 x 40 x 35 x 25 x 45 x 40 x 30 x 45 x 35 13 IAC,R 120 Hz 105 C A 3.51 3.46 3.92 3.88 4.22 4.74 1.37 1.62 1.67 1.67 1.72 1.98 2.05 2.28 2.37 2.30 2.51 2.49 2.56 3.03 2.99 3.33 3.30 3.23 3.75 3.69 4.10 4.06 4.44 4.90 1.46 1.51 1.71 1.77 1.86 1.94 1.88 2.18 2.28 2.23 2.61 2.57 04/08
B41252, B43252
Ordering code
B41252A8568M000 B41252B8568M000 B41252A8688M000 B41252B8688M000 B41252A8828M000 B41252A8109M000 B41252A0827M000 B41252A0108M000 B41252B0108M000 B41252A0128M000 B41252B0128M000 B41252A0158M000 B41252B0158M000 B41252A0188M000 B41252B0188M000 B41252C0188M000 B41252A0228M000 B41252B0228M000 B41252C0228M000 B41252A0278M000 B41252B0278M000 B41252A0338M000 B41252B0338M000 B41252C0338M000 B41252A0398M000 B41252B0398M000 B41252A0478M000 B41252B0478M000 B41252A0568M000 B41252A0688M000 B41252A9827M000 B41252B9827M000 B41252A9108M000 B41252B9108M000 B41252A9128M000 B41252B9128M000 B41252C9128M000 B41252A9158M000 B41252B9158M000 B41252C9158M000 B41252A9188M000 B41252B9188M000
80
100
Please read Cautions and warnings and Important notes at the end of this document.
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes B41252 VR V DC 100 CR 120 Hz 20 C F 2200 2200 2200 2700 2700 3300 3300 3900 4700 Case dimensions dxl mm 25.4 30 35 30 35 30 35 35 35 x 50 x 40 x 30 x 45 x 35 x 50 x 40 x 45 x 50 IAC,R 120 Hz 105 C A 2.85 2.83 2.76 3.27 3.22 3.59 3.55 4.03 4.40
B41252, B43252
Ordering code
B41252A9228M000 B41252B9228M000 B41252C9228M000 B41252A9278M000 B41252B9278M000 B41252A9338M000 B41252B9338M000 B41252A9398M000 B41252A9478M000
Please read Cautions and warnings and Important notes at the end of this document.
14
04/08
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes B43252 VR V DC 160 CR 120 Hz 20 C F 180 220 270 270 330 330 330 390 390 390 470 470 470 470 560 560 560 560 680 680 680 680 820 820 820 820 1000 1000 1000 1200 1200 1200 1500 150 180 220 220 270 270 270 330 330 Case dimensions dxl mm 22 22 22 25.4 22 25.4 30 22 25.4 30 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 25.4 30 35 25.4 30 35 35 22 22 22 25.4 22 25.4 30 22 25.4 x 20 x 20 x 25 x 20 x 25 x 25 x 20 x 30 x 25 x 20 x 35 x 25 x 25 x 20 x 40 x 30 x 25 x 25 x 45 x 35 x 25 x 25 x 50 x 40 x 30 x 25 x 45 x 35 x 30 x 50 x 40 x 30 x 40 x 20 x 20 x 25 x 20 x 30 x 25 x 20 x 30 x 25 15 IAC,R 120 Hz 105 C A 0.69 0.76 0.91 0.93 1.01 1.10 1.13 1.17 1.20 1.23 1.36 1.32 1.44 1.47 1.56 1.53 1.57 1.70 1.80 1.79 1.73 1.88 2.06 2.06 2.02 2.06 2.38 2.35 2.41 2.52 2.50 2.44 3.00 0.63 0.69 0.82 0.84 0.91 1.00 1.02 1.07 1.11 04/08
B41252, B43252
Ordering code
B43252A1187M000 B43252A1227M000 B43252A1277M000 B43252B1277M000 B43252A1337M000 B43252B1337M000 B43252C1337M000 B43252A1397M000 B43252B1397M000 B43252D1397M000 B43252A1477M000 B43252B1477M000 B43252C1477M000 B43252D1477M000 B43252A1567M000 B43252B1567M000 B43252C1567M000 B43252D1567M000 B43252A1687M000 B43252B1687M000 B43252C1687M000 B43252D1687M000 B43252A1827M000 B43252B1827M000 B43252C1827M000 B43252D1827M000 B43252A1108M000 B43252B1108M000 B43252C1108M000 B43252A1128M000 B43252B1128M000 B43252C1128M000 B43252A1158M000 B43252A2157M000 B43252A2187M000 B43252A2227M000 B43252B2227M000 B43252A2277M000 B43252B2277M000 B43252C2277M000 B43252A2337M000 B43252D2337M000
200
Please read Cautions and warnings and Important notes at the end of this document.
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes B43252 VR V DC 200 CR 120 Hz 20 C F 330 390 390 390 390 470 470 470 470 560 560 560 560 680 680 680 680 820 820 820 1000 1000 1200 1200 1500 150 150 180 180 180 220 220 220 270 270 270 270 330 330 330 330 390 Case dimensions dxl mm 30 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 25.4 30 35 30 35 30 35 35 22 25.4 22 25.4 30 22 25.4 30 22 25.4 30 35 22 25.4 30 35 22 x 20 x 35 x 30 x 25 x 20 x 40 x 35 x 25 x 25 x 45 x 40 x 30 x 25 x 50 x 45 x 30 x 25 x 50 x 35 x 30 x 45 x 35 x 50 x 35 x 45 x 25 x 20 x 25 x 20 x 20 x 30 x 25 x 20 x 35 x 30 x 25 x 20 x 40 x 30 x 25 x 20 x 45 16 IAC,R 120 Hz 105 C A 1.13 1.24 1.28 1.31 1.34 1.43 1.40 1.44 1.56 1.63 1.62 1.67 1.70 1.88 1.96 1.84 1.88 2.25 2.13 2.18 2.57 2.53 2.72 2.57 3.13 0.68 0.69 0.74 0.76 0.83 0.88 0.90 0.92 1.03 1.06 1.09 1.11 1.20 1.18 1.21 1.23 1.36 04/08
B41252, B43252
Ordering code
B43252B2337M000 B43252A2397M000 B43252B2397M000 B43252C2397M000 B43252D2397M000 B43252A2477M000 B43252D2477M000 B43252B2477M000 B43252C2477M000 B43252A2567M000 B43252B2567M000 B43252C2567M000 B43252D2567M000 B43252A2687M000 B43252D2687M000 B43252B2687M000 B43252C2687M000 B43252A2827M000 B43252B2827M000 B43252C2827M000 B43252A2108M000 B43252B2108M000 B43252A2128M000 B43252B2128M000 B43252A2158M000 B43252E2157M000 B43252F2157M000 B43252E2187M000 B43252F2187M000 B43252G2187M000 B43252E2227M000 B43252F2227M000 B43252G2227M000 B43252E2277M000 B43252F2277M000 B43252G2277M000 B43252D2277M000 B43252E2337M000 B43252F2337M000 B43252G2337M000 B43252C2337M000 B43252E2397M000
250
Please read Cautions and warnings and Important notes at the end of this document.
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes B43252 VR V DC 250 CR 120 Hz 20 C F 390 390 390 470 470 470 470 560 560 560 680 680 820 1000 1200 82 100 100 120 120 120 150 150 150 180 180 180 180 220 220 220 220 270 270 270 330 330 330 Case dimensions dxl mm 25.4 30 35 22 25.4 30 35 25.4 30 35 30 35 35 35 35 22 22 25.4 22 25.4 30 22 25.4 30 22 25.4 30 35 22 25.4 30 35 25.4 30 35 25.4 30 35 x 40 x 30 x 25 x 50 x 40 x 30 x 25 x 50 x 35 x 30 x 45 x 35 x 40 x 45 x 50 x 20 x 25 x 20 x 30 x 25 x 20 x 35 x 30 x 20 x 40 x 35 x 25 x 20 x 45 x 35 x 30 x 20 x 45 x 35 x 25 x 50 x 40 x 30 IAC,R 120 Hz 105 C A 1.42 1.39 1.42 1.56 1.56 1.53 1.56 1.86 1.76 1.80 2.12 2.09 2.40 2.76 2.91 0.45 0.53 0.55 0.62 0.64 0.65 0.74 0.76 0.73 0.85 0.88 0.86 0.87 0.98 0.98 1.00 0.96 1.19 1.17 1.14 1.37 1.36 1.33
B41252, B43252
Ordering code
B43252F2397M000 B43252G2397M000 B43252H2397M000 B43252E2477M000 B43252F2477M000 B43252G2477M000 B43252H2477M000 B43252E2567M000 B43252F2567M000 B43252G2567M000 B43252E2687M000 B43252F2687M000 B43252E2827M000 B43252E2108M000 B43252E2128M000 B43252A0826M000 B43252A0107M000 B43252B0107M000 B43252A0127M000 B43252B0127M000 B43252C0127M000 B43252A0157M000 B43252B0157M000 B43252C0157M000 B43252A0187M000 B43252B0187M000 B43252C0187M000 B43252D0187M000 B43252A0227M000 B43252B0227M000 B43252C0227M000 B43252D0227M000 B43252A0277M000 B43252B0277M000 B43252C0277M000 B43252A0337M000 B43252B0337M000 B43252C0337M000
315
Please read Cautions and warnings and Important notes at the end of this document.
17
04/08
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes B43252 VR V DC 315 CR 120 Hz 20 C F 390 390 470 470 560 680 68 82 82 100 100 100 120 120 120 150 150 150 150 180 180 180 180 220 220 220 220 270 270 270 330 330 390 390 470 560 Case dimensions dxl mm 30 35 30 35 35 35 22 22 25.4 22 25.4 30 22 25.4 30 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 25.4 30 35 30 35 30 35 35 35 x 45 x 35 x 50 x 40 x 40 x 50 x 20 x 25 x 20 x 25 x 25 x 20 x 30 x 25 x 20 x 40 x 30 x 25 x 20 x 45 x 35 x 30 x 20 x 50 x 40 x 30 x 25 x 45 x 35 x 30 x 40 x 35 x 45 x 40 x 45 x 50 IAC,R 120 Hz 105 C A 1.54 1.52 1.76 1.74 1.90 2.27 0.41 0.48 0.49 0.53 0.59 0.60 0.62 0.64 0.65 0.78 0.76 0.78 0.80 0.89 0.88 0.91 0.87 1.03 1.03 1.00 1.03 1.19 1.17 1.20 1.36 1.40 1.54 1.59 1.82 2.06
B41252, B43252
Ordering code
B43252A0397M000 B43252B0397M000 B43252A0477M000 B43252B0477M000 B43252A0567M000 B43252A0687M000 B43252A4686M000 B43252A4826M000 B43252B4826M000 B43252A4107M000 B43252B4107M000 B43252C4107M000 B43252A4127M000 B43252B4127M000 B43252C4127M000 B43252A4157M000 B43252B4157M000 B43252C4157M000 B43252D4157M000 B43252A4187M000 B43252B4187M000 B43252C4187M000 B43252D4187M000 B43252A4227M000 B43252B4227M000 B43252C4227M000 B43252D4227M000 B43252A4277M000 B43252B4277M000 B43252C4277M000 B43252A4337M000 B43252B4337M000 B43252A4397M000 B43252B4397M000 B43252A4477M000 B43252A4567M000
350
Please read Cautions and warnings and Important notes at the end of this document.
18
04/08
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes B43252 VR V DC 400 CR 120 Hz 20 C F 56 68 68 82 82 82 100 100 100 120 120 120 120 150 150 150 150 180 180 180 180 220 220 220 270 270 270 330 330 390 390 470 560 47 56 56 68 68 68 82 82 82 Case dimensions dxl mm 22 22 25.4 22 25.4 30 22 25.4 30 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 25.4 30 35 25.4 30 35 30 35 30 35 35 35 22 22 25.4 22 25.4 30 22 25.4 30 x 20 x 25 x 20 x 30 x 25 x 20 x 35 x 30 x 20 x 40 x 30 x 25 x 20 x 45 x 35 x 30 x 20 x 50 x 40 x 30 x 25 x 45 x 35 x 30 x 50 x 40 x 30 x 45 x 35 x 50 x 40 x 45 x 50 x 20 x 25 x 20 x 30 x 25 x 20 x 35 x 30 x 20 19 IAC,R 120 Hz 105 C A 0.37 0.44 0.45 0.51 0.53 0.54 0.60 0.62 0.60 0.69 0.68 0.70 0.71 0.81 0.81 0.83 0.80 0.93 0.93 0.91 0.93 1.07 1.06 1.08 1.24 1.23 1.20 1.42 1.40 1.61 1.59 1.82 2.06 0.34 0.40 0.41 0.47 0.48 0.49 0.54 0.54 0.54 04/08
B41252, B43252
Ordering code
B43252A9566M000 B43252A9686M000 B43252B9686M000 B43252A9826M000 B43252B9826M000 B43252C9826M000 B43252A9107M000 B43252C9107M000 B43252B9107M000 B43252A9127M000 B43252B9127M000 B43252C9127M000 B43252D9127M000 B43252A9157M000 B43252B9157M000 B43252C9157M000 B43252D9157M000 B43252A9187M000 B43252B9187M000 B43252C9187M000 B43252D9187M000 B43252C9227M000 B43252A9227M000 B43252B9227M000 B43252A9277M000 B43252B9277M000 B43252C9277M000 B43252A9337M000 B43252B9337M000 B43252A9397M000 B43252B9397M000 B43252A9477M000 B43252A9567M000 B43252A5476M000 B43252A5566M000 B43252B5566M000 B43252A5686M000 B43252B5686M000 B43252C5686M000 B43252A5826M000 B43252B5826M000 B43252C5826M000
450
Please read Cautions and warnings and Important notes at the end of this document.
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes B43252 VR V DC 450 CR 120 Hz 20 C F 100 100 100 100 120 120 120 120 150 150 150 150 180 180 180 220 220 220 270 270 330 330 390 470 47 47 56 56 56 68 68 68 68 82 82 82 82 100 100 100 100 120 Case dimensions dxl mm 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 25.4 30 35 25.4 30 35 30 35 30 35 35 35 22 25.4 22 25.4 30 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 25.4 x 40 x 30 x 25 x 20 x 45 x 35 x 30 x 25 x 50 x 40 x 30 x 25 x 45 x 35 x 30 x 50 x 40 x 30 x 45 x 35 x 50 x 40 x 45 x 50 x 25 x 20 x 30 x 30 x 20 x 40 x 35 x 25 x 20 x 45 x 40 x 30 x 25 x 50 x 45 x 35 x 30 x 50 20 IAC,R 120 Hz 105 C A 0.63 0.62 0.64 0.65 0.73 0.72 0.74 0.76 0.85 0.85 0.83 0.85 0.97 0.96 0.98 1.12 1.11 1.08 1.28 1.26 1.48 1.46 1.66 1.89 0.25 0.30 0.29 0.30 0.36 0.34 0.35 0.36 0.48 0.40 0.41 0.48 0.48 0.47 0.46 0.47 0.48 0.53 04/08
B41252, B43252
Ordering code
B43252A5107M000 B43252B5107M000 B43252C5107M000 B43252D5107M000 B43252A5127M000 B43252B5127M000 B43252C5127M000 B43252D5127M000 B43252A5157M000 B43252B5157M000 B43252C5157M000 B43252D5157M000 B43252A5187M000 B43252B5187M000 B43252C5187M000 B43252A5227M000 B43252B5227M000 B43252C5227M000 B43252A5277M000 B43252B5277M000 B43252A5337M000 B43252B5337M000 B43252A5397M000 B43252A5477M000 B43252A6476M000 B43252B6476M000 B43252A6566M000 B43252B6566M000 B43252C6566M000 B43252A6686M000 B43252B6686M000 B43252C6686M000 B43252D6686M000 B43252A6826M000 B43252B6826M000 B43252C6826M000 B43252D6826M000 B43252A6107M000 B43252B6107M000 B43252C6107M000 B43252D6107M000 B43252A6127M000
500
Please read Cautions and warnings and Important notes at the end of this document.
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes B43252 VR V DC 500 CR 120 Hz 20 C F 120 120 150 150 180 180 220 270 Case dimensions dxl mm 30 35 30 35 30 35 35 35 x 40 x 30 x 45 x 35 x 50 x 40 x 45 x 50 IAC,R 120 Hz 105 C A 0.55 0.56 0.61 0.62 0.70 0.78 0.80 0.93
B41252, B43252
Ordering code
B43252B6127M000 B43252C6127M000 B43252A6157M000 B43252B6157M000 B43252A6187M000 B43252B6187M000 B43252A6227M000 B43252A6277M000
Please read Cautions and warnings and Important notes at the end of this document.
21
04/08
Cautions and warnings
General Also see "Important notes" on page 24. 1 Aluminum electrolytic capacitors have a bi-polar structure. This is marked on the body of the capacitor. A capacitor must not be mounted with reversed polarity. The application of an AC or reverse voltage may cause a short circuit or damage the capacitor. Bi-polar capacitors must not be used in AC applications, where the polarity may be reversed in the circuits or is unknown. The DC voltage applied to the capacitor terminal must not exceed its rated operating voltage, as this will result in a rapid increase of the leakage current and may damage the capacitor. It is recommended to operate the capacitor at 70-80% of its rated voltage to optimize its service life. The ripple current applied to the capacitor must be within the permitted range. An excessive ripple current leads to impaired electrical properties and may damage the capacitor. Note that the sum of the peak values of the ripple voltage and the DC operating voltage must not exceed the rated DC voltage. Capacitors must be used within their permitted range of operating temperature. Operation at room temperature optimizes their service life. Capacitors with case diameter 8 mm are equipped with a safety vent. In capacitors fitted with a lead or soldering lug, the safety vent is usually located at the base of the case. It needs sufficient space around it to operate optimally. The following dimensions are recommended: for case diameter d = 8 to 16 mm, more than 2 mm; for d =18 to 35 mm, more than 3 mm; and for d = 42 mm or more, more than 5 mm. Capacitors should not be mounted with the safety vent face down on the board. Do not locate any wire or copper trace near the safety vent. Do not reverse the voltage, as this may result in excess pressure and the leakage of electrolyte. Gas is released through the safety vent when the pressure inside the capacitor is too high. A gaseous liquid around the safety vent does not indicate a leakage of electrolyte. The capacitor should be stored under conditions of normal temperature and in a non-acid, non-alkali environment of normal humidity. Exposure to high temperatures, for example under direct sunlight, will reduce its operating life. If the capacitor is stored in an environment containing acids or alkalis, the solderability of the leads may be affected. The leakage current of an aluminum electrolytic capacitor may increase after a long period of storage. After such storage, the capacitor must be aged by applying the rated operating voltage for 6-8 hours before use. Manual soldering: a Soldering must be performed within the specified conditions. Bit temperature: 350 C; application time of soldering iron: 3 seconds. b Ensure that the soldering iron does not touch any part of the capacitor body.
2
3
4 5
6
7 8
9
10
Please read Cautions and warnings and Important notes at the end of this document.
22
04/08
Cautions and warnings
11
Do not apply excessive force to the leads and terminals. Do not move the capacitor after soldering it onto the PC board and do not carry the PC board by gripping the capacitor. Observe the following rules to prevent undue stress to the capacitor: a Do not tilt or bend the capacitor after soldering. b Ensure that the terminal spacing matches the corresponding hole spacing on the PC board.
12
The aluminum case is not insulated from the cathode. Do not place a conductor under the aluminum capacitors on the PC board as this may cause a short circuit. The case and top of capacitors used in switched mode power supplies have a high-voltage-resistant heat shrink sleeve to ensure safe usage. The leads of capacitors with a case diameter exceeding 14 mm cannot be used for fixing.
13
Please read Cautions and warnings and Important notes at the end of this document.
23
04/08
Important notes
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
24
04/08


▲Up To Search▲   

 
Price & Availability of B43252D1477M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X